PART |
Description |
Maker |
SD-33000-001 0330110006 33011-0006 |
MX150 Male Terminal
|
Molex Electronics Ltd.
|
34080-0001 0340800001 |
MX150 Male Cable Seal Terminal, Tin (Sn) Plating, 14-16 AWG, Right Reel PayoffContact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
0330012021 33001-2021 |
MX150 Female Terminal, Select Gold (Au) Plating, 14-16 AWG, Right Reel PayoffLarge Polarization Rib, Contact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
0330013021 33001-3021 |
MX150 Female Terminal, Select Gold (Au) Plating, 14-16 AWG, Left Reel PayoffLarge Polarization Rib, Contact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
16-02-0117 70021-0225 0016020117 |
SL?/a> Crimp Terminal, Series 70021, Male, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL Crimp Terminal, Series 70021, Male, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL垄芒 Crimp Terminal, Series 70021, Male, with 0.76楼矛m (30楼矛) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
70021-0223 16-02-0115 0016020115 |
SL Crimp Terminal, Series 70021, Male, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL?/a> Crimp Terminal, Series 70021, Male, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
70021-0208 0016020110 16-02-0110 |
SL Crimp Terminal, Series 70021, Male, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 24-30 AWG, Bag SL?/a> Crimp Terminal, Series 70021, Male, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 24-30 AWG, Bag
|
Molex Electronics Ltd.
|
39-00-0219 0039000219 5558PBGS |
4.20mm (.165) Pitch Mini-Fit Crimp Terminal, Male, Phosphor Bronze, Gold (Au), 18-24 AWG, Reel
|
Molex Electronics Ltd.
|
16-02-0077 70021-0006 0016020077 |
SL Crimp Terminal, Series 70021, Male, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 24-30 AWG, Reel
|
Molex Electronics Ltd.
|
|